| Moteur de recherche de fiches techniques de composants électroniques |
|
GAL16V8D-25LS Fiches technique(PDF) 2 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
GAL16V8D-25LS Fiches technique(HTML) 2 Page - Lattice Semiconductor |
|
2 / 22 page ![]() Specifications GAL16V8 2 Blank = Commercial I = Industrial Grade Package Power L = Low Power Q = Quarter Power Speed (ns) XXXXXXXX XX X X X Device Name _ P = Plastic DIP J = PLCC S = SOIC GAL16V8D ) s n ( d p T) s n ( u s T) s n ( o c T) A m ( c c I# g n i r e d r Oe g a k c a P 5 . 35 . 20 . 35 1 1J L 3 - D 8 V 6 1 L A GC C L P d a e L - 0 2 534 5 1 1 8 V 6 1 L A G5 - DJ L C C L P d a e L - 0 2 5 . 77 5 15 18 V 6 1 L A G7 - DLP P I D c i t s a l P n i P - 0 2 15 18 V 6 1 L A G7 - DJ L C C L P d a e L - 0 2 15 18 V 6 1 L A G7 - DLS - 0 2n i PC I O S 0 10 17 5 5P Q 0 1 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 5 5J Q 0 1 - D 8 V 6 1 L A GC C L P d a e L - 0 2 5 1 1 8 V 6 1 L A G0 1 - DP L P I D c i t s a l P n i P - 0 2 5 1 1 8 V 6 1 L A G0 1 - DJ L C C L P d a e L - 0 2 5 1 1 8 V 6 1 L A G0 1 - DLS n i P - 0 2C I O S 5 12 10 15 5P Q 5 1 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 5 5J Q 5 1 - D 8 V 6 1 L A GC C L P d a e L - 0 2 0 9P L 5 1 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 0 9 L 5 1 - D 8 V 6 1 L A GJ d a e L - 0 2C C L P 0 9 L 5 1 - D 8 V 6 1 L A GS C I O S n i P - 0 2 5 25 12 15 5P Q 5 2 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 5 5J Q 5 2 - D 8 V 6 1 L A GC C L P d a e L - 0 2 0 9P L 5 2 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 0 9 L 5 2 - D 8 V 6 1 L A GJ C C L P d a e L - 0 2 0 9 L 5 2 - D 8 V 6 1 L A GS - 0 2n i PC I O S ) s n ( d p T) s n ( u s T) s n ( o c T) A m ( c c I# g n i r e d r Oe g a k c a P 5 . 77 5 0 3 1 8 V 6 1 L A G7 - DI P L P I D c i t s a l P n i P - 0 2 0 3 1 8 V 6 1 L A G7 - DI J L C C L P d a e L - 0 2 0 10 17 0 3 1 8 V 6 1 L A G0 1 - DI P L P I D c i t s a l P n i P - 0 2 0 3 1 8 V 6 1 L A G0 1 - DI J L C C L P d a e L - 0 2 5 12 10 10 3 1I P L 5 1 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 0 3 1I J L 5 1 - D 8 V 6 1 L A GC C L P d a e L - 0 2 0 23 11 15 6I P Q 0 2 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 5 6I J Q 0 2 - D 8 V 6 1 L A GC C L P d a e L - 0 2 5 25 12 15 6I P Q 5 2 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 5 6I J Q 5 2 - D 8 V 6 1 L A GC C L P d a e L - 0 2 0 3 1I P L 5 2 - D 8 V 6 1 L A GP I D c i t s a l P n i P - 0 2 0 3 1I J L 5 2 - D 8 V 6 1 L A GC C L P d a e L - 0 2 Industrial Grade Specifications GAL16V8 Ordering Information Commercial Grade Specifications Part Number Description |