Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4646 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4646
Description  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4646 Datasheet HTML 5Page - STMicroelectronics AN4646 Datasheet HTML 6Page - STMicroelectronics AN4646 Datasheet HTML 7Page - STMicroelectronics AN4646 Datasheet HTML 8Page - STMicroelectronics AN4646 Datasheet HTML 9Page - STMicroelectronics AN4646 Datasheet HTML 10Page - STMicroelectronics AN4646 Datasheet HTML 11Page - STMicroelectronics AN4646 Datasheet HTML 12Page - STMicroelectronics AN4646 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID027369 Rev 1
9/17
AN4646
Peripheral interconnect matrix
16
Figure 2. Master/Slave timer overview
A description of this feature is provided in the Timer synchronization section on RM0368
and RM0383 reference manuals, while all the possible master/slave connections are
described in the TIMx internal trigger connection tables.
2.1.2
From TIM to ADC
Some timers can be used to generate an ADC trigger event.
The timer output can be either TIMx_TRGO signal or TIMx_CHx event. It is input to ADC
EXTSEL[3:0] and JEXTSEL [3:0] signals.
Figure 3: Master TIM/Slave ADC overview gives an overview of the trigger selection and
master mode selection blocks.
Figure 3. Master TIM/Slave ADC overview
ADC synchronization is described in the Conversion on external trigger and trigger polarity
section of RM0368 and RM0383 reference manuals. The connection between timers and
ADCs regular and injected channels is described in External trigger for regular channels and
External trigger for injected channels tables.
2.1.3
From TIM to DMA
Refer to Section 2.6: DMA block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17