Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4566 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4566
Description  Extending the DAC performance of STM32 microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4566 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4566 Datasheet HTML 9Page - STMicroelectronics AN4566 Datasheet HTML 10Page - STMicroelectronics AN4566 Datasheet HTML 11Page - STMicroelectronics AN4566 Datasheet HTML 12Page - STMicroelectronics AN4566 Datasheet HTML 13Page - STMicroelectronics AN4566 Datasheet HTML 14Page - STMicroelectronics AN4566 Datasheet HTML 15Page - STMicroelectronics AN4566 Datasheet HTML 16Page - STMicroelectronics AN4566 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID026799 Rev 1
13/19
AN4566
Example
18
Note:
The output signal is inverted compare to the digital code, due to the inverting amplifier stage
of the external OpAmp.
15
990
16
655
17
409
18
268
19
239
20
325
21
520
22
813
23
1184
24
1611
Table 5. Example of digital sample values (continued)
Sample
Digital sample value YSineDigital (x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19