Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN1171 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce TN1171
Description  Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1171 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button TN1171 Datasheet HTML 17Page - STMicroelectronics TN1171 Datasheet HTML 18Page - STMicroelectronics TN1171 Datasheet HTML 19Page - STMicroelectronics TN1171 Datasheet HTML 20Page - STMicroelectronics TN1171 Datasheet HTML 21Page - STMicroelectronics TN1171 Datasheet HTML 22Page - STMicroelectronics TN1171 Datasheet HTML 23Page - STMicroelectronics TN1171 Datasheet HTML 24Page - STMicroelectronics TN1171 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID026092 Rev 3
21/26
TN1171
X-Ray inspections
26
12
X-Ray inspections
X-ray is one way to detect solder shorts underneath the DFN package. X-rays transmitted
from the X-ray tube are absorbed by the components in proportion to their density. In this
case, a solder joint having a higher density absorbs most of the X-rays, and the resultant X-
ray intensity is detected and interpreted in a gray scale image. The X-ray image is also a
good instrument to view solder voids in the exposed pad region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26