Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4486 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 19Page - STMicroelectronics AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics AN4486 Datasheet HTML 22Page - STMicroelectronics AN4486 Datasheet HTML 23Page - STMicroelectronics AN4486 Datasheet HTML 24Page - STMicroelectronics AN4486 Datasheet HTML 25Page - STMicroelectronics AN4486 Datasheet HTML 26Page - STMicroelectronics AN4486 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN4486
Running the OTA bootloader GUI & BlueNRG
SW package demo applications
DocID026293 Rev 2
23/29
equal to 0x8006800. Similar steps must be followed when using a
BlueNRG-MS device: user can open the workspace SensorDemo,
OTA_Basic and build the related SensorDemo_OTA_Basic.bin image
(available in SensorDemo\EWARM_BlueNRG-MS\OTA_Basic\Exe
folder) containing a version of the Sensor Demo that is compiled with
base address equal to 0x8006800. Alternatively, the user can open the
IAR workspace BLE_Chat, Server_OTA_Basic and build the related
Server_OTA_Basic.bin image (available in
BLE_Chat\EWARM_BlueNRG-MS\Server_OTA_Basic\Exe folder)
containing a version of the BLE_Chat, server application that is compiled
with base address equal to 0x8006800.
Figure 10: BlueNRG GUI: OTA bootloader search for devices and connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29