Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4467 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID026156 Rev 2
23/33
AN4467
Boot configuration
32
3.2
Embedded boot loader
The embedded boot loader is located in the System memory, programmed by ST during
production. It is used to reprogram the Non Volatile memory using one of the interfaces
listed in Table 3.
For additional information, refer to application note AN2606.
3.3
BOOT0 pin connection
The BOOT0 pin of the Root part number 1 has a lower VIL than the other GPIO (for details
see datasheet I/O static characteristics), thus as it does not fit CMOS requirement, when
driven by another CMOS circuit the signal level must be verified.
Table 3. Interfaces for different device categories
Interface
Ports
Device category
USART1
PA9/PA10
Cat 3
Cat 5
USART2
PA9/PA10
Cat 2
PA2/PA3
Cat 3
Cat 5
SPI1
PA4/PA5/PA6/PA7
Cat 2/3
Cat 5 (without USB)
SPI2
PB12/PB13/PB14/PB15
Cat 3
Cat 5 (without USB)
USB
PA11/PA12
Cat 5 (with USB)
I2C1
PB6/PB7
Cat 5 (without USB)
I2C2
PB10/PB11
Cat 5 (without USB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33