Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4445 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce AN4445
Description  STM32L0xx ultra-low power features overview
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4445 Fiches technique(HTML) 1 Page - STMicroelectronics

  AN4445 Datasheet HTML 1Page - STMicroelectronics AN4445 Datasheet HTML 2Page - STMicroelectronics AN4445 Datasheet HTML 3Page - STMicroelectronics AN4445 Datasheet HTML 4Page - STMicroelectronics AN4445 Datasheet HTML 5Page - STMicroelectronics AN4445 Datasheet HTML 6Page - STMicroelectronics AN4445 Datasheet HTML 7Page - STMicroelectronics AN4445 Datasheet HTML 8Page - STMicroelectronics AN4445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2014
DocID025944 Rev 1
1/17
AN4445
Application note
STM32L0xx ultra-low power features overview
Introduction
The STM32L0x Series ARM CortexTM-M0+ based belongs to the STMicroelectronics ultra-
low power continuum and complements the well known 8-bit STM8Lx Series and 32-bit
ARM CortexTM-M3 based microcontrollers offering new peripherals package size.
Both microcontroller families are based on the ST's proprietary 110 nm ultra-low leakage
process and have many analog and digital peripherals in common, which eases the
transition from one architecture to the other and offers users the opportunity to capitalize on
the knowledge acquired on one platform.
This application note describes the key low power features of the STM32L0xx family and
explains their benefits for applications where energy consumption is a major concern.
Important note: This document is not intended to replace STM32L0xx datasheets. All values
given in this document are for guidance only. Please refer to the related datasheet to get
guaranteed values and up-to-date characterization data.
www.st.com


Numéro de pièce similaire - AN4445

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN444 STMICROELECTRONICS-AN444 Datasheet
50Kb / 5P
DISSIPATION POWER AND SURGE CURRENT DURATION
16-Apr-2004
AN4440 STMICROELECTRONICS-AN4440 Datasheet
1Mb / 36P
RFFE HVDAC control
29-Apr-2014
AN4441 STMICROELECTRONICS-AN4441 Datasheet
343Kb / 5P
Start time of the RHFLVDS32A receiver
14-Feb-2014
AN4442 STMICROELECTRONICS-AN4442 Datasheet
154Kb / 3P
Two-channel LVDS repeater with the RHFLVDSR2D2
18-Feb-2014
AN4443 STMICROELECTRONICS-AN4443 Datasheet
97Kb / 3P
Fail-safe feature of the RHFLVDS32A and RHFLVDSR2D2
28-Feb-2014
More results

Description similaire - AN4445

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN3193 STMICROELECTRONICS-AN3193 Datasheet
240Kb / 13P
STM32L1xx ultralow power features overview
20-Sep-2013
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
This technical note is an overview of the main features
22-May-2014
logo
Winbond
W956D6HB WINBOND-W956D6HB Datasheet
1Mb / 57P
Low-power features
W956K6HB WINBOND-W956K6HB Datasheet
1Mb / 56P
Low-power features
W957D6HB WINBOND-W957D6HB Datasheet
1Mb / 57P
Low-power features
W958D6DB WINBOND-W958D6DB Datasheet
1Mb / 57P
Low-power features
W966K6HB WINBOND-W966K6HB Datasheet
1Mb / 74P
Low-power features
W967D6HB WINBOND-W967D6HB Datasheet
1Mb / 75P
Low-power features
W968D6DA WINBOND-W968D6DA Datasheet
1Mb / 75P
Low-power features
logo
Intel Corporation
S2600WF INTEL-S2600WF Datasheet
8Mb / 148P
Technical Product Specification An overview of product features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17