| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD72042 Fiches technique(PDF) 71 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD72042 Fiches technique(HTML) 71 Page - NEC |
|
71 / 92 page ![]() µPD72042 71 Data Sheet S14870EJ1V0DS00 Fig. 6-3 Flow of Interrupt Routine Notes 1. The return code in MARC is enabled when any of conditions, 1 , 2 , or 3 , below, is satisfied: 1 MARC has been changedNote 3. 2 MTRQF = 1 and MARQ = 0 3 MRRQF = 1 and MARQ = 0 2. The return code in SLRC is enabled when any of conditions, 1 , 2 , or 3 , below, is satisfied: 1 SLRC has been changedNote 3. 2 STRQF = 1 and STRQ = 0 3 SLREF = 1 and SLRE = 0 3. When MARC is 0001 or 0101, the same value may be generated consecutively, such that MARC is set to 1111 to enable the detection of a change in MARC the next time it is generated. When SLRC is 0001, 0101, or 1001, it is again set to 1111 for the same reason. Start Disable interrupts from Read FLG RAW? 1 0 ; Program crash? Read RCR ; See Note 1. Is return code in MARC enabled? MARC? 011 × 00 ×× 010 × ; Classify MARC. RERQW ← 1 SIZEW ← RDR1 RECFW ← MARC Is return code in SLRC enabled? N RERQW ← 1 SIZEW ← RDR2 RECFW ← SLRC SLRC? Y 010 ×, 100 × 011 ×, 101× 00 ×× TRCF ← SLRC TRRQ ← 1 Enable interrupts from End RETI ; Initialize RERQ. ; Initialize SIZE. ; Classify SLRC. ; See Note 2. ; Initialize RERQ. ; Initialize SIZE. RAWF ← 1 TRCF ← MARC TRRQ ← 1 Increment PW RERQW ← 0 SIZEW ← 0 RERQW ← 1 SIZEW ← RDR1 RECFW ← MARC RERQW ← 1 SIZEW ← RDR2 RECFW ← SLRC REEN ← 1 Increment PW RERQW ← 0 SIZEW ← 0 µPD72042 N Y µPD72042 |