Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN0941 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TN0941
Description  When to and why use reset and supervisor ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0941 Fiches technique(HTML) 4 Page - STMicroelectronics

  TN0941 Datasheet HTML 1Page - STMicroelectronics TN0941 Datasheet HTML 2Page - STMicroelectronics TN0941 Datasheet HTML 3Page - STMicroelectronics TN0941 Datasheet HTML 4Page - STMicroelectronics TN0941 Datasheet HTML 5Page - STMicroelectronics TN0941 Datasheet HTML 6Page - STMicroelectronics TN0941 Datasheet HTML 7Page - STMicroelectronics TN0941 Datasheet HTML 8Page - STMicroelectronics TN0941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
When to and why use reset and supervisor ICs?
TN0941
4/16
DocID023775 Rev 1
1
When to and why use reset and supervisor ICs?
The reset and supervisor functions should be used in complex systems to ensure proper
wake-up during power-up, and/or to reboot the system when an application has failed or
frozen.
With the increased development and utilization of microprocessing units (example, 8-bit low
cost, 32-bit low power, 64-bit high performance, multi-core) in all kind of applications, there
is an ever-increasing need for reset and supervision functions.
Reset and supervisor ICs are like the lifeguard of a system: they protect against
software and power failure. Using them makes the final product more robust,
whatever its complexity, and increases the end-users perception of quality.
2
What is the difference between a voltage detector
and a reset IC?
The main difference is the reset pulse width (tREC) feature on the output pin (see Section 5:
What are the following core features of reset and supervisor ICs used for?). Voltage
detectors act as comparators and do not have any tREC whereas it is a major feature of a
reset IC (see Figure 1).
Figure 1. Block diagram of (1) Voltage detector and (2) Reset IC
Voltage detectors also integrate accurate hysteresis functions (Vth+/Vth-) whereas only one
voltage threshold is usually specified for a reset IC (Vth). In addition, the noise immunity of a
reset IC is native by design due to the tREC feature.
Suggested products
•
For further information on voltage detectors, please refer to STM1061
•
For further information on reset ICs, please refer to STM809 and STM1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com