Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4313 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN4313
Description  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN4313 Datasheet HTML 1Page - STMicroelectronics AN4313 Datasheet HTML 2Page - STMicroelectronics AN4313 Datasheet HTML 3Page - STMicroelectronics AN4313 Datasheet HTML 4Page - STMicroelectronics AN4313 Datasheet HTML 5Page - STMicroelectronics AN4313 Datasheet HTML 6Page - STMicroelectronics AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technology Overview
AN4313
4/15
DocID024816 Rev 1
1
Technology Overview
STMicroelectronics offers capacitive sensing technology. This technology is based on:
The projected acquisition principle with STM8TL5x microcontrollers.
An overview of how it works: a capacitor is modified when the finger gets close to a sensor.
The finger changes the dielectric properties.
The sensor consists of two electrodes:
Tx driven by a port in output mode,
Rx in the return path to a dedicated port in read mode.
There is a sampling capacitor which stores the charges coming from the electrodes which
form a coupling capacitor with less capacitance than the sample one. When a finger
approaches, the dielectric (between the two electrodes) is modified and so the capacitance
decreases. As a consequence, the time taken to load the sample capacitor will increase and
this difference is used to detect if a finger is present or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15