| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4312 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4312 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 36 page ![]() Surface sensor design AN4312 30/36 DocID024815 Rev 1 Figure 26. Spring and foam picture (both are not compressed) 3.5.4 PCB and layout Sensor track length and width The parasitic capacitance of a track depends on its length and its width. Besides that, a long track can create an antenna effect which may couple noise. So, the main rule to keep in mind is that the shorter and thinner the track is, the smaller the parasitic capacitance. It is recommended to route the tracks as thin as the PCB technology allows and shorter than 10 cm for standard or flexible PCBs. Sensor track routing The main goal, when laying out the PCB, should be to minimize the interactions between elements or, if they cannot be minimized, to make them uniform for all capacitive elements. Although the touch sensing controller algorithms, used to acquire touchkey, linear sensor and rotary sensor signals, take into account that the capacitance of each array is different, it is good practice to keep things as balanced as possible. |