Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4299 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4299
Description  Immunity of touch sensing systems to conducted RF voltage is required
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4299 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4299 Datasheet HTML 9Page - STMicroelectronics AN4299 Datasheet HTML 10Page - STMicroelectronics AN4299 Datasheet HTML 11Page - STMicroelectronics AN4299 Datasheet HTML 12Page - STMicroelectronics AN4299 Datasheet HTML 13Page - STMicroelectronics AN4299 Datasheet HTML 14Page - STMicroelectronics AN4299 Datasheet HTML 15Page - STMicroelectronics AN4299 Datasheet HTML 16Page - STMicroelectronics AN4299 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID024663 Rev 2
13/20
AN4299
How to improve noise immunity
19
4.2
Active Shield
The Active Shield is an electrode which wraps around the sensor. The goal is to minimize
the parasitic capacitance between the sensor and the ground. To drive the shield electrode,
a channel of a dedicated group with its own Cs can be used.
Figure 6. Active Shield
It is important to check the shied electrode waveform. Cs shield capacitance value and Rs
shield serial resistor value must be adjusted in order to obtain the same signal shape as
sensor electrode waveform (same amplitude, same response time).
Figure 7 below shows the electrode sensor waveform in green and shield electrode
waveform in yellow. Cs shield is adjusted to obtain approximately the same charge level at
the end of the acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20