Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2938 Fiches technique(PDF) 10 Page - Linear Technology

No de pièce LTC2938
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2938 Fiches technique(HTML) 10 Page - Linear Technology

Back Button LTC2938_15 Datasheet HTML 6Page - Linear Technology LTC2938_15 Datasheet HTML 7Page - Linear Technology LTC2938_15 Datasheet HTML 8Page - Linear Technology LTC2938_15 Datasheet HTML 9Page - Linear Technology LTC2938_15 Datasheet HTML 10Page - Linear Technology LTC2938_15 Datasheet HTML 11Page - Linear Technology LTC2938_15 Datasheet HTML 12Page - Linear Technology LTC2938_15 Datasheet HTML 13Page - Linear Technology LTC2938_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2938/LTC2939
10
293839ff
Supply Monitoring
The LTC2938 and LTC2939 are low power, high accuracy
configurable four (LTC2938) and six (LTC2939) supply
monitoring circuits with reset output and watchdog func-
tions. Both watchdog and reset timeouts are adjustable
using external capacitors. Single-pin configuration selects
one of sixteen input voltage monitor combinations. All four
(LTC2938) or six (LTC2939) voltage inputs must be above
predetermined thresholds for the reset not to be invoked.
The LTC2938/LTC2939 assert the reset during power-up,
power-down and brownout conditions on any one of the
voltage inputs.
Power-Up
The greater of V1 or V2 serves as the internal supply
voltage (VCC). On power-up, VCC powers the drive circuits
for the RST output. This ensures that the RST output will
be low as soon as V1 or V2 reaches 1V. The RST output
remains low until the part is configured. After configura-
tion, if any one of the supply monitor inputs is below its
configured threshold, RST will be at logic low. Once all
the monitor inputs rise above their thresholds, an internal
timer is started and RST is released after the configured
delay time.
APPLICATIONS INFORMATION
Figure 1. 1.5% Threshold Accuracy Improves System Reliability
Threshold Accuracy
Consider a 5V system with ±5% tolerance. The 5V supply
may vary between 4.75V to 5.25V. System ICs powered by
this supply must operate reliably within this band (and a
little more as subsequently explained). A perfectly accurate
supervisor for this supply generates a reset at exactly
4.75V. However, no supervisor is perfect. The actual reset
threshold of a supervisor varies over a specified band.
The LTC2938/LTC2939 varies ±1.5% around its nominal
threshold voltage (see Figure 1) over temperature.
The reset threshold band and the power supply tolerance
bands should not overlap. This prevents false or nuisance
resets when the power supply is actually within its speci-
fied tolerance band.
The LTC2938 and LTC2939 have ±1.5% reset threshold
accuracy, so a 5% threshold is typically set to 6.5% below
the nominal input voltage. Therefore, a typical 5V, 5%
threshold is 4.675V.
The threshold is guaranteed to lie in the band between
4.750V and 4.600V over temperature. The powered system
must work reliably down to the low end of the threshold
band, or risk malfunction before a reset signal is properly
issued.
5V
4.75V
4.675V
±1.5%
THRESHOLD
BAND
4.6V
NOMINAL
SUPPLY
VOLTAGE
SUPPLY TOLERANCE
MINIMUM
RELIABLE
SYSTEM
VOLTAGE
IDEAL
SUPERVISOR
THRESHOLD
REGION OF POTENTIAL MALFUNCTION
–5%
–6.5%
–8%
293839 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com