Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4271 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics AN4271 Datasheet HTML 14Page - STMicroelectronics AN4271 Datasheet HTML 15Page - STMicroelectronics AN4271 Datasheet HTML 16Page - STMicroelectronics AN4271 Datasheet HTML 17Page - STMicroelectronics AN4271 Datasheet HTML 18Page - STMicroelectronics AN4271 Datasheet HTML 19Page - STMicroelectronics AN4271 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DocID024318 Rev 1
17/20
AN4271
Measuring equipment
4
Measuring equipment
The following equipment was used to perform the measurements.
Table 1. Measuring equipment
Measurement
Instrument type
Instrument model
RX
Signal generator
Agilent ESG E4438C
Agilent ESG E4438C
TX
Signal analyzer
R&S FSIQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20