Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4229 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 17Page - STMicroelectronics AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics AN4229 Datasheet HTML 21Page - STMicroelectronics AN4229 Datasheet HTML 22Page - STMicroelectronics AN4229 Datasheet HTML 23Page - STMicroelectronics AN4229 Datasheet HTML 24Page - STMicroelectronics AN4229 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID024112 Rev 1
21/26
AN4229
How to use the demonstration
25
3.3.3
Recorder menu
In the recorder menu (Figure 13) there are three possible actions: record, stop and play.
On DISCOVERY board, here are the correspondences between LEDs indications and
selected actions:
•
Orange LED is on: RECORD action selected
•
Red LED is on: STOP action selected
•
Blue LED is on: PLAY action selected
•
Green LED is always blinking
On EVAL board, the following items are displayed (Figure 13):
•
actions menu
•
recording codec name (selected from previous menu)
•
recording parameters
•
recorder status.
Figure 13. Recorder description
3.4
Simple examples
Simple examples are provided only on EVAL boards. Encoding/decoding is performed
on/from internal flash memory so no external media storage is needed.
There are four simple examples (one for each codec):
•
Simple_G711
•
Simple_G726
•
Simple_IMA-ADPCM
•
Simple_Speex
The display is minimalist and there is no menu selection. The control is done by key and
tamper push button to respectively record/stop and play/stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26