| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4228 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 90 page ![]() DocID024110 Rev 5 39/90 AN4228 Firmware migration using the library 89 NA void FLASH_OB_Unlock(void); NA void FLASH_OB_Lock(void); FLASH_Status FLASH_ProgramOptionByteData(uint32_t Address, uint8_t Data); FLASH_Status FLASH_ProgramOptionByteData(uint32_t Address, uint8_t Data); FLASH_Status FLASH_EnableWriteProtection(uint32_t FLASH_Pages); FLASH_Status FLASH_OB_EnableWRP(uint32_t OB_WRP); FLASH_Status FLASH_ReadOutProtection(FunctionalState NewState); FLASH_Status FLASH_OB_RDPConfig(uint8_t OB_RDP); FLASH_Status FLASH_UserOptionByteConfig(uint16_t OB_IWDG, uint16_t OB_STOP, uint16_t OB_STDBY); FLASH_Status FLASH_OB_UserConfig(uint8_t OB_IWDG, uint8_t OB_STOP, uint8_t OB_STDBY); NA FLASH_Status FLASH_OB_Launch(void); NA FLASH_Status FLASH_OB_WriteUser(uint8_t OB_USER); NA FLASH_Status FLASH_OB_BOOTConfig(uint8_t OB_BOOT1); NA FLASH_Status FLASH_OB_VDDAConfig(uint8_t OB_VDDA_ANALOG); NA FLASH_Status FLASH_OB_SRAMParityConfig(uint8_t OB_SRAM_Parity); uint32_t FLASH_GetUserOptionByte(void); uint8_t FLASH_OB_GetUser(void); uint32_t FLASH_GetWriteProtectionOptionByte(void); uint16_t FLASH_OB_GetWRP(void); FlagStatus FLASH_GetReadOutProtectionStatus(void); FlagStatus FLASH_OB_GetRDP(void); FLASH_Status FLASH_EraseOptionBytes(void); FLASH_Status FLASH_OB_Erase(void); Table 20. STM32F10x and STM32F3xx FLASH driver API correspondence (continued) STM32F10x Flash driver API STM32F3xx Flash driver API |