| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4207 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4207 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 28 page ![]() AN4207 Application examples Doc ID 023945 Rev 1 23/28 Figure 13. Flowchart of wave recorder application TIM4 IRQ Write selected buffer in MicroSD Clear TIM4 interrupt TIM13 IRQ Switch selected buffer Generate TIM4 interrupt Clear TIM13 interrupt Write SDADC sample in selected buffer Is selected buffer full? Wave recorder Create a wave file on MicroSD Init SDADC Init TIM13 used as trigger Stop recording: Disable SDADC, Disable TIM13… Close the wave file Exit application Stop recording ? MSv31140V1 |