| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4127 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4127 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 27 page ![]() AN4127 Getting started Doc ID 023304 Rev 1 13/27 with the following parameters: – Select the proper COM line (COM1, COM2……) – Set baud rate = 115000 (default baud rate of SPBT2632C2.AT2 module) – Set data bits = 8 – Set stop bits = 1 – Set parity = none – Set flow control = none From the menu file set the AT command connection properties: Figure 18. Connection properties setup The dongle is ready to use: – Press the reset switch on the dongle – On the screen, the prompt followed by the module Bluetooth address should appear: Figure 19. AT command prompt “AT-AB -CommandMode -” “AT-AB BDAddress xxxxxxxxxxxx” |