| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4112 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4112 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() AN4112 Capacitance measurement Doc ID 023195 Rev 1 13/17 Figure 10. Capacitance measurement using COMP2 At the moment where the input voltage crosses the threshold and the COMP2 output switches to high level, the charge function is given by Equation 1. Equation 1 where "tc" is the time when the input voltage crosses the threshold. Using Equation 1 the capacitance value can be computed by Equation 2. Equation 2 Usually R, the threshold, and VDD are constant, so, measuring the capacitance is reduced to solving for Equation 3. Equation 3 where K is solved using Equation 4 Equation 4 Threshold VDD 1 -tc T ⁄ () exp – () = C t R 1-threshold V DD () ⁄ () ln × () ⁄ – = Ct K ⁄ – = K R 1-threshold VDD () ⁄ () ln × = |