| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1510 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1510 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 69 page ![]() UM1510 Running the demonstration Doc ID 022713 Rev 1 13/69 Figure 5. ST logo Then, after 1 second, an STM32 presentation slide is displayed on the LCD screen. Figure 6. STM32L presentation slide When the board is powered-up for the first time, the user is prompted to set the time, year, month and day. The user may choose to ignore it by pressing any key except for the SEL push-button to abort the configuration sequence. To set the time and date, the user must press SEL and follow the setting sequence. The message shown in Figure 7 appears on the LCD screen. Figure 7. Time and date configuration Note: 1 If the user chooses to configure the time and date, the Time Adjust and Date Adjust menus are displayed. Otherwise, the main menu is displayed and the user can set the time parameters in the Calendar menu. To set the time/date, use the joystick UP/DOWN and SEL push-buttons. 2 If the time configuration has already been done, then the number of elapsed days (higher than 1 day), from the last time the demo board was powered-up, appears on the LCD screen. It is soon followed by the current date. |