Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0897 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM0897
Description  Embedded Ethernet web client based on the STR91x
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0897 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM0897 Datasheet HTML 1Page - STMicroelectronics UM0897 Datasheet HTML 2Page - STMicroelectronics UM0897 Datasheet HTML 3Page - STMicroelectronics UM0897 Datasheet HTML 4Page - STMicroelectronics UM0897 Datasheet HTML 5Page - STMicroelectronics UM0897 Datasheet HTML 6Page - STMicroelectronics UM0897 Datasheet HTML 7Page - STMicroelectronics UM0897 Datasheet HTML 8Page - STMicroelectronics UM0897 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
UM0897
Getting started
Doc ID 17012 Rev 1
5/25
1.2.2
Jumper settings
The jumper configurations are listed in the table below. Jumper JP19 is used to make the
system work either as "Web Client with local display" or as "Web Client with remote display".
1.2.3
Hardware layout
The system is built around STMicroelectronics' ARM® core-based STR912FAW44X6 in a
128-pin LQFP128 package. Figure 2 shows the layout of different sections of the board.
Figure 2.
Hardware layout (bottom and top views)
Table 1.
Jumper settings
Jumper
Jumper position
Function
JP19
2-3
Web client with local display
JP19
1-2
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25