Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0894 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM0894
Description  STM32W-SK and STM32W-EXT starter and extension kits for STM32W108xx microcontrollers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0894 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM0894 Datasheet HTML 24Page - STMicroelectronics UM0894 Datasheet HTML 25Page - STMicroelectronics UM0894 Datasheet HTML 26Page - STMicroelectronics UM0894 Datasheet HTML 27Page - STMicroelectronics UM0894 Datasheet HTML 28Page - STMicroelectronics UM0894 Datasheet HTML 29Page - STMicroelectronics UM0894 Datasheet HTML 30Page - STMicroelectronics UM0894 Datasheet HTML 31Page - STMicroelectronics UM0894 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Running the STM32W108xx kits
UM0894
28/45
Doc ID 16999 Rev 6
2.3.7
Set up a star network using SimpleMAC Sun PC applet
On the planet node, press button S1 to join the network formed by the STM32W108xx sun
node. Once joined, the planet node is displayed on the SimpleMAC Sun PC applet.
Figure 15. Planet device joined to the network
When a planet device sends data to the sun device (at a periodic rate), a line connecting the
transmitting planet to the sun is displayed on the SimpleMAC Sun PC applet as well as the
sent application board VDD_PADS value (in mV).
Figure 16. Planet sends data to the sun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45