Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0585 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce UM0585
Description  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 7Page - STMicroelectronics UM0585 Datasheet HTML 8Page - STMicroelectronics UM0585 Datasheet HTML 9Page - STMicroelectronics UM0585 Datasheet HTML 10Page - STMicroelectronics UM0585 Datasheet HTML 11Page - STMicroelectronics UM0585 Datasheet HTML 12Page - STMicroelectronics UM0585 Datasheet HTML 13Page - STMicroelectronics UM0585 Datasheet HTML 14Page - STMicroelectronics UM0585 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UM0585
Complex 16-bit radix-4 FFT
Doc ID 14988 Rev 2
11/25
3.2.2
cr4_fft_256_stm32
function
Table 6 describes the cr4_fft_256_stm32 function.
3.2.3
cr4_fft_1024_stm32
function
Table 7 describes the cr4_fft_1024_stm32 function.
Example
#define N 64 /*Number of points*/
uint32_t x[N],y[N]; /* input and output arrays */
uint16_t real[N], imag[N]; /* real and imaginary arrays */
/* Fill the input array */
for(i=0; i<N; i++)
x[i] = (((uint16_t)(real[i])) | ((uint32_t)(imag[i]<<16)));
cr4_fft_64_stm32(y, x, N); /*computes the FFT of the x[N] samples*/
3.3
FFT performance improvement
The FFT coefficients table is stored in the Flash memory since it is declared as code in the
assembly file. The performance of the FFT function can be improved by placing the FFT
coefficients in RAM. This is done as described below:
Table 6.
cr4_fft_256_stm32
function
Function name
cr4_fft_256_stm32
Prototype
void cr4_fft_256_stm32(void *pssOUT, void *pssIN,
uint16_t Nbin);
Behavior description
complex 16-bit, 256-point radix-4 FFT
Input parameter
– pssOUT: pointer to the output array data
– pssIN: pointer to the input array data
– Nbin: the number of points, must be 256.
Output parameter
None
Return parameter
None
Table 7.
cr4_fft_1024_stm32
function
Function name
cr4_fft_1024_stm32
Prototype
void cr4_fft_1024_stm32(void *pssOUT, void *pssIN,
uint16_t Nbin);
Behavior description
complex 16-bit, 1024-point radix-4 FFT
Input parameter
– pssOUT: pointer to the output array data
– pssIN: pointer to the input array data
– Nbin: the number of points, must be 1024.
Output parameter
None
Return parameter
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25