Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0215 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce PM0215
Description  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 41Page - STMicroelectronics PM0215 Datasheet HTML 42Page - STMicroelectronics PM0215 Datasheet HTML 43Page - STMicroelectronics PM0215 Datasheet HTML 44Page - STMicroelectronics PM0215 Datasheet HTML 45Page - STMicroelectronics PM0215 Datasheet HTML 46Page - STMicroelectronics PM0215 Datasheet HTML 47Page - STMicroelectronics PM0215 Datasheet HTML 48Page - STMicroelectronics PM0215 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
45/91
3.4.4
LDR, PC-relative
Load register (literal) from memory.
Syntax
LDR Rt, label
where:
‘Rt’ is the register to load or store
‘label’ is a PC-relative expression (see PC-relative expressions on page 39)
Operation
Loads the register specified by Rt from the word in memory specified by label.
Restrictions
In these instructions:In these instructions, label must be within 1020 bytes of the current PC
and word aligned.
Condition flags
These instructions do not change the flags.
Examples
LDR
R0, LookUpTable
; Load R0 with a word of data from an address
; labelled as LookUpTable.
LDR
R3, [PC, #100]
; Load R3 with memory word at (PC + 100).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91