Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0212 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce PM0212
Description  How to program the STM8TL5xxx Flash program memory and data EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0212 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button PM0212 Datasheet HTML 3Page - STMicroelectronics PM0212 Datasheet HTML 4Page - STMicroelectronics PM0212 Datasheet HTML 5Page - STMicroelectronics PM0212 Datasheet HTML 6Page - STMicroelectronics PM0212 Datasheet HTML 7Page - STMicroelectronics PM0212 Datasheet HTML 8Page - STMicroelectronics PM0212 Datasheet HTML 9Page - STMicroelectronics PM0212 Datasheet HTML 10Page - STMicroelectronics PM0212 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PM0212
Memory organization
Doc ID 022351 Rev 2
7/22
Table 1.
STM8TL5xxx memory partitions(1)
Area
Page/block number
(1 page = 1 block)
Address
Option byte
0
0x00 4800-0x00 483F
Flash program
memory
UBC, PCODE and
main program
memory
0
0x00 8000-0x00 803F
1
0x00 8040-0x00 807F
2
0x00 8080-0x00 80BF
3
0x00 80C0-0x00 80FF
……
95
…
Configurable data
EEPROM(2)
224
0x00 B800 0x00 B83F
-
…
0x00BF80-0x00BFBF
Main program
memory
Up to 255
0x00BFC0-0x00BFFF
1.
The memory mapping is given for the devices featuring 16 Kbytes of Flash program memory including up to 2 Kbytes of
data EEPROM.
2.
The size of the data EEPROM area is configurable from 0 to 32 pages starting from the last page of the Flash program
memory down to page 224.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22