| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4045 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4045 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 16 page ![]() User program conditions AN4045 14/16 DocID022782 Rev 2 5 User program conditions The user application to be loaded into the Flash memory using IAP should be built with these configuration settings: 1. Set the program load address at 0x08003000, using your toolchain linker file 2. Relocate the vector table at address 0x08003000, using the “NVIC_SetVectorTable” function from the stm32f3Xx_misc.h/.c driver.” An example application program to be loaded with the IAP application is provided with preconfigured projects. Figure 5. Flash memory usage 1. The Top flash memory default address is defined in the flash_if.h file as: #define USER_FLASH_END_ADDRESS 0x0803FFFF.To modify the address, change the default value to the desired one, for example 0x0807FFFF for STM32F303xDxE microcontrollers. |