Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4030 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4030
Description  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics AN4030 Datasheet HTML 11Page - STMicroelectronics AN4030 Datasheet HTML 12Page - STMicroelectronics AN4030 Datasheet HTML 13Page - STMicroelectronics AN4030 Datasheet HTML 14Page - STMicroelectronics AN4030 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN4030
Conclusion
Doc ID 022635 Rev 1
13/15
3
Conclusion
To increase power semiconductor device immunity to fast transient voltages it is quite
common to add a capacitor between the control terminal (gate or base) and the drive
reference terminal (source, emitter, cathode or A1 terminal). For SCRs, the drive reference
is the cathode, K. A gate to cathode capacitor is then usually added with very sensitive
devices and could be very useful to increase SCR immunity to dV/dt.
This Application note shows that as well as being almost ineffective in improving Triac
immunity, a gate to cathode capacitor has a major drawback when operating with Triacs.
Such a capacitor increases the failure rate when repetitive dI/dt rates are applied at turn-on
or in case of spurious turn-on with high dI/dt.
Explanations of silicon structure behavior during turn-on show the supplementary stress
due to a gate to cathode capacitor irrespective of technology choice. This shows that such
capacitors should be removed from Triac designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15