Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD70F3003A Fiches technique(PDF) 7 Page - NEC

No de pièce UPD70F3003A
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD70F3003A Fiches technique(HTML) 7 Page - NEC

Back Button UPD70F3003A Datasheet HTML 3Page - NEC UPD70F3003A Datasheet HTML 4Page - NEC UPD70F3003A Datasheet HTML 5Page - NEC UPD70F3003A Datasheet HTML 6Page - NEC UPD70F3003A Datasheet HTML 7Page - NEC UPD70F3003A Datasheet HTML 8Page - NEC UPD70F3003A Datasheet HTML 9Page - NEC UPD70F3003A Datasheet HTML 10Page - NEC UPD70F3003A Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
µPD70F3003A, 70F3025A
7
Data Sheet U13189EJ3V0DS00
2. PIN FUNCTIONS
2.1 Port Pins
(1/2)
Pin Name
I/O
Function
Shared with:
P00
I/O
Port 0
TO110
P01
8-bit I/O port.
TO111
P02
Can be set in input or output mode in 1-bit units.
TCLR11
P03
TI11
P04
INTP110
P05
INTP111
P06
INTP112
P07
INTP113/ADTRG
P10
I/O
Port 1
TO120
P11
8-bit I/O port.
TO121
P12
Can be set in input or output mode in 1-bit units.
TCLR12
P13
TI12
P14
INTP120
P15
INTP121/SO2
P16
INTP122/SI2
P17
INTP123/SCK2
P20
I/O
Port 2
PWM0
P21
8-bit I/O port.
PWM1
P22
Can be set in input or output mode in 1-bit units.
TXD0/SO0
P23
RXD0/SI0
P24
SCK0
P25
TXD1/SO1
P26
RXD1/SI1
P27
SCK1
P30
I/O
Port 3
TO130
P31
8-bit I/O port.
TO131
P32
Can be set in input or output mode in 1-bit units.
TCLR13
P33
TI13
P34
INTP130
P35
INTP131/SO3
P36
INTP132/SI3
P37
INTP133/SCK3
P40-P47
I/O
Port 4
AD0-AD7
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
P50-P57
I/O
Port 5
AD8-AD15
8-bit I/O port.
Can be set in input or output mode in 1-bit units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44