Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD161602AB Fiches technique(PDF) 17 Page - Renesas Technology Corp

No de pièce PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Fiches technique(HTML) 17 Page - Renesas Technology Corp

Back Button PD161602AB Datasheet HTML 13Page - Renesas Technology Corp PD161602AB Datasheet HTML 14Page - Renesas Technology Corp PD161602AB Datasheet HTML 15Page - Renesas Technology Corp PD161602AB Datasheet HTML 16Page - Renesas Technology Corp PD161602AB Datasheet HTML 17Page - Renesas Technology Corp PD161602AB Datasheet HTML 18Page - Renesas Technology Corp PD161602AB Datasheet HTML 19Page - Renesas Technology Corp PD161602AB Datasheet HTML 20Page - Renesas Technology Corp PD161602AB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet S15381EJ1V0DS
15
µµµµPD161602A/B
Table 6
−−−−3. Relation of Input Data and Output Voltage in µµµµPD161602B
Input
Data
Gray
Scale
Positive
Polarity
Side (V)
Negative
Polarity
Side (V)
Positive
Polarity
Side (
Ω)
Negative
Polarity
Side (
Ω)
Input
Data
Gray
Scale
Positive
Polarity
Side (V)
Negative
Polarity
Side (V)
Positive
Polarity
Side (
Ω)
Negative
Polarity
Side (
Ω)
00H
0
5.000
0.000
0
25000
20H
32
2.780
2.400
11100
13000
01H
1
4.980
0.020
100
24900
21H
33
2.760
2.440
11200
12800
02H
2
4.960
0.060
200
24700
22H
34
2.720
2.480
11400
12600
03H
3
4.920
0.100
400
24500
23H
35
2.680
2.520
11600
12400
04H
4
4.880
0.140
600
24300
24H
36
2.660
2.540
11700
12300
05H
5
4.800
0.220
1000
23900
25H
37
2.620
2.580
11900
12100
06H
6
4.720
0.300
1400
23500
26H
38
2.600
2.620
12000
11900
07H
7
4.600
0.440
2000
22800
27H
39
2.560
2.660
12200
11700
08H
8
4.460
0.580
2700
22100
28H
40
2.520
2.700
12400
11500
09H
9
4.320
0.740
3400
21300
29H
41
2.480
2.740
12600
11300
0AH
10
4.160
0.920
4200
20400
2AH
42
2.460
2.780
12700
11100
0BH
11
4.000
1.080
5000
19600
2BH
43
2.400
2.820
13000
10900
0CH
12
3.860
1.240
5700
18800
2CH
44
2.360
2.860
13200
10700
0DH
13
3.780
1.320
6100
18400
2DH
45
2.340
2.900
13300
10500
0EH
14
3.700
1.420
6500
17900
2EH
46
2.300
2.940
13500
10300
0FH
15
3.620
1.500
6900
17500
2FH
47
2.260
2.980
13700
10100
10H
16
3.540
1.600
7300
17000
30H
48
2.220
3.020
13900
9900
11H
17
3.460
1.680
7700
16600
31H
49
2.180
3.060
14100
9700
12H
18
3.380
1.760
8100
16200
32H
50
2.140
3.100
14300
9500
13H
19
3.320
1.820
8400
15900
33H
51
2.100
3.160
14500
9200
14H
20
3.280
1.880
8600
15600
34H
52
2.040
3.220
14800
8900
15H
21
3.220
1.940
8900
15300
35H
53
2.000
3.260
15000
8700
16H
22
3.160
2.000
9200
15000
36H
54
1.960
3.320
15200
8400
17H
23
3.120
2.040
9400
14800
37H
55
1.900
3.380
15500
8100
18H
24
3.060
2.100
9700
14500
38H
56
1.840
3.420
15800
7900
19H
25
3.040
2.140
9800
14300
39H
57
1.780
3.520
16100
7400
1AH
26
3.000
2.180
10000
14100
3AH
58
1.700
3.600
16500
7000
1BH
27
2.960
2.220
10200
13900
3BH
59
1.580
3.720
17100
6400
1CH
28
2.940
2.240
10300
13800
3CH
60
1.460
3.840
17700
5800
1DH
29
2.900
2.280
10500
13600
3DH
61
1.260
4.060
18700
4700
1EH
30
2.860
2.320
10700
13400
3EH
62
1.080
4.280
19600
3600
1FH
31
2.820
2.360
10900
13200
3FH
63
0.400
5.000
23000
0
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
5.000
010
20
30
gray-scale
40
50
60
γ- curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26