Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0290 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM0290
Description  This document presents a description
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0290 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM0290 Datasheet HTML 1Page - STMicroelectronics UM0290 Datasheet HTML 2Page - STMicroelectronics UM0290 Datasheet HTML 3Page - STMicroelectronics UM0290 Datasheet HTML 4Page - STMicroelectronics UM0290 Datasheet HTML 5Page - STMicroelectronics UM0290 Datasheet HTML 6Page - STMicroelectronics UM0290 Datasheet HTML 7Page - STMicroelectronics UM0290 Datasheet HTML 8Page - STMicroelectronics UM0290 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
UM0290
STR7/STR9 USB firmware library
5/76
1
STR7/STR9 USB firmware library
This section describes the firmware interface (called USB Library) used to manage the
STR7/9 USB 2.0 full-speed macrocell.
The main purpose of this firmware library is to provide resources to ease the development of
applications using the USB macrocell in all STR7/9 microcontrollers (STR71x, STR75x and
the STR91x families).
1.1
USB application hierarchy
Figure 1 shows the interaction between the different components of a typical USB
application and the USB library.
Figure 1.
USB application hierarchy
The USB library is divided into two layers:
●
USB Library Core layer: This layer manages the direct communication with the USB
IP hardware and the USB standard protocol. The USB Library Core is compliant with
the USB 2.0 specification and doesn’t have dependences with any Standard Software
Library of STR7/9 microcontrollers.
●
Application Interface layer: This layer presents to the user a complete interface
between the library core and the final application.
Note:
The application interface layer and the final application can communicate with the Standard
Software Library to manage the hardware needs of the application.
Hardware (STR microcontroller + Board)
USB IP
USB Application
Standard
Library
usb_core
usb_init
usb_regs
usb_mem
usb_int
usb_istr
usb_prop
usb_endp
Application Interface
USB Library
Core
usb_pwr
usb_desc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com