| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0193 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0193 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 35 page ![]() UM0193 ARMIC30 schematic diagrams 25/35 Figure 24. 8-bit input and output, SPI, I²C and MC connector schematics SPI 5V 5V MOSI SPI MISO SPI SCK SPI WD SPI nSS0 SPI nSS1 SPI nSS2 SPI nSS3 SPI 1 2 3 4 5 6 7 8 9 10 J18 CON10 J18 CON10 C30 100n C30 100n 8-bit IN conn. 5V 5V DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 J25 J25 J16 J16 C29 100n C29 100n (CLT, PCLT compatible) 1 2 3 4 5 6 7 8 9 10 J17 CON10 J17 CON10 5V 5V 5V P3.12 P3.10 P3.13 P3.11 P3.15 P4.0 P4.1 P4.2 P5.12 P3.8 P5.13 P3.9 P5.15 P6.0 P6.1 P6.2 P5.11 P3.6 P5.10 P3.7 P5.8 P5.7 P5.6 P5.5 P3.14 P5.14 P5.9 P0.9 P0.8 P0.14 P0.15 P0.11 P0.10 PWM5 PWM4 PWM1 PWM0 PWM3 PWM2 STATUS3 P2.12 P2.13 Shared with J27! 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 J20 CON34 J20 CON34 1 2 J19 J19 1 2 J21 J21 1 2 J23 J23 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 J22 CON34 J22 CON34 D3 BAT54A/SOT D3 BAT54A/SOT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 J24 CON34 J24 CON34 D4 BAT54A/SOT D4 BAT54A/SOT D5 BAT54A/SOT D5 BAT54A/SOT 5V 5V SDA I2C SCL I2C GP0 I2C GP1 I2C GP2 I2C 1 2 3 4 5 6 7 8 9 10 J28 CON10 J28 CON10 C32 100n C32 100n I²C MC Conn. No. 2 MC Conn. No. 1 MC Conn. No. 3 8-bit OUT conn. 5V 5V STATUS0 DO0 DO1 DO2 DO3 DO4 DO5 DO6 DO7 STATUS3 STATUS2 STATUS1 Shared with J20! 1 2 3 4 5 6 7 8 9 10 11 12 13 14 J27 CON14 J27 CON14 J26 J26 J29 J29 C31 100n C31 100n (VN808, VN340 compatible) |