| Moteur de recherche de fiches techniques de composants électroniques |
|
PD16635 Fiches technique(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD16635 Fiches technique(HTML) 9 Page - Renesas Technology Corp |
|
9 / 22 page ![]() µPD16635 7 Resistor Strings Figure 2-1. Relationship Between Input Data and Output Voltage: VDD2 > V0 > V1 > V2 > V3 > V4 > V5 Caution V4 and V5 are interconnected inside the IC by resistors r4-5 (9 k Ω). Data DX5 DX4 DX3 DX2 DX1 DX0 Output Voltage 00H 000000 V0’V0 01H 000001 V1’V1 + (V0 – V1) × 4500/5300 02H 000010 V2’V1 + (V0 – V1) × 3700/5300 03H 000011 V3’V1 + (V0 – V1) × 2900/5300 04H 000100 V4’V1 + (V0 – V1) × 2200/5300 05H 000101 V5’V1 + (V0 – V1) × 1500/5300 06H 000110 V6’V1 + (V0 – V1) × 900/5300 07H 000111 V7’V1 + (V0 – V1) × 400/5300 08H 001000 V8’V1 09H 001001 V9’V2 + (V1 – V2) × 3600/4000 0AH 001010 V10’V2 + (V1 – V2) × 3300/4000 0BH 001011 V11’V2 + (V1 – V2) × 3000/4000 0CH 001100 V12’V2 + (V1 – V2) × 2700/4000 0DH 001101 V13’V2 + (V1 – V2) × 2400/4000 0EH 001110 V14’V2 + (V1 – V2) × 2200/4000 0FH 001111 V15’V2 + (V1 – V2) × 2000/4000 10H 010000 V16’V2 + (V1 – V2) × 1800/4000 11H 010001 V17’V2 + (V1 – V2) × 1600/4000 12H 010010 V18’V2 + (V1 – V2) × 1400/4000 13H 010011 V19’V2 + (V1 – V2) × 1300/4000 14H 010100 V20’V2 + (V1 – V2) × 1200/4000 15H 010101 V21’V2 + (V1 – V2) × 1100/4000 16H 010110 V22’V2 + (V1 – V2) × 1000/4000 17H 010111 V23’V2 + (V1 – V2) × 900/4000 18H 011000 V24’V2 + (V1 – V2) × 800/4000 19H 011001 V25’V2 + (V1 – V2) × 700/4000 1AH 011010 V26’V2 + (V1 – V2) × 600/4000 1BH 011011 V27’V2 + (V1 – V2) × 500/4000 1CH 011100 V28’V2 + (V1 – V2) × 400/4000 1DH 011101 V29’V2 + (V1 – V2) × 300/4000 1EH 011110 V30’V2 + (V1 – V2) × 200/4000 1FH 011111 V31’V2 + (V1 – V2) × 100/4000 20H 100000 V32’V2 21H 100001 V33’V3 + (V2 – V3) × 2600/2700 22H 100010 V34’V3 + (V2 – V3) × 2500/2700 23H 100011 V35’V3 + (V2 – V3) × 2400/2700 24H 100100 V36’V3 + (V2 – V3) × 2300/2700 25H 100101 V37’V3 + (V2 – V3) × 2200/2700 26H 100110 V38’V3 + (V2 – V3) × 2100/2700 27H 100111 V39’V3 + (V2 – V3) × 2000/2700 28H 101000 V40’V3 + (V2 – V3) × 1900/2700 29H 101001 V41’V3 + (V2 – V3) × 1800/2700 2AH 101010 V42’V3 + (V2 – V3) × 1700/2700 2BH 101011 V43’V3 + (V2 – V3) × 1600/2700 2CH 101100 V44’V3 + (V2 – V3) × 1500/2700 2DH 101101 V45’V3 + (V2 – V3) × 1400/2700 2EH 101110 V46’V3 + (V2 – V3) × 1300/2700 2FH 101111 V47’V3 + (V2 – V3) × 1200/2700 30H 110000 V48’V3 + (V2 – V3) × 1100/2700 31H 110001 V49’V3 + (V2 – V3) × 1000/2700 32H 110010 V50’V3 + (V2 – V3) × 900/2700 33H 110011 V51’V3 + (V2 – V3) × 800/2700 34H 110100 V52’V3 + (V2 – V3) × 700/2700 35H 110101 V53’V3 + (V2 – V3) × 600/2700 36H 110110 V54’V3 + (V2 – V3) × 400/2700 37H 110111 V55’V3 + (V2 – V3) × 200/2700 38H 111000 V56’V3 39H 111001 V57’V4 + (V3 – V4) × 2300/2500 3AH 111010 V58’V4 + (V3 – V4) × 2100/2500 3BH 111011 V59’V4 + (V3 – V4) × 1800/2500 3CH 111100 V60’V4 + (V3 – V4) × 1500/2500 3DH 111101 V61’V4 + (V3 – V4) × 1200/2500 3EH 111110 V62’V4 + (V3 – V4) × 800/2500 3FH 111111 V63’V4 V0’ V1’ V2’ V3’ V4’ V5’ V6’ V7’ V8’ V9’ V31’ V32’ V33’ V55’ V56’ V57’ V58’ V59’ V60’ V61’ V62’ V63’ 9 k Ω V63’’ V0 r0 r1 r2 r3 r4 r5 r6 r7 V1 r8 r9 r30 r31 V2 r32 r33 r54 r55 V3 r56 r57 r58 r59 r60 r61 r62 V4 r4–5 V5 |