Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0075 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce PM0075
Description  STM32F10xxx Flash memory microcontrollers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0075 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button PM0075 Datasheet HTML 2Page - STMicroelectronics PM0075 Datasheet HTML 3Page - STMicroelectronics PM0075 Datasheet HTML 4Page - STMicroelectronics PM0075 Datasheet HTML 5Page - STMicroelectronics PM0075 Datasheet HTML 6Page - STMicroelectronics PM0075 Datasheet HTML 7Page - STMicroelectronics PM0075 Datasheet HTML 8Page - STMicroelectronics PM0075 Datasheet HTML 9Page - STMicroelectronics PM0075 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Overview
PM0075
6/31
Doc ID 17863 Rev 2
1
Overview
1.1
Features
●
up to 512 Kbytes of Flash memory
●
Memory organization:
–
Main memory block:
4 Kbits × 64 bits for low-density devices
16 Kbits × 64 bits for medium-density devices
64 Kbits × 64 bits for high-density devices
32 Kbits × 64 bits for connectivity line devices
–
Information block:
2306 × 64 bits for connectivity line devices
258 × 64 bits for other devices
Flash memory interface (FLITF) features:
●
Read interface with prefetch buffer (2 × 64-bit words)
●
Option byte Loader
●
Flash Program / Erase operation
●
Read / Write protection
●
Low-power mode
1.2
Flash module organization
The memory organization is based on a main memory block containing 32 pages of 1 Kbyte
(for low-density devices), 128 pages of 1 Kbyte (for medium-density devices), 128 pages of
2 Kbyte (for connectivity line devices) or 256 pages of 2 Kbyte (for high-density devices),
and an information block as shown in Table 3 and Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com