| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0059 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0059 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() DocID15687 Rev 5 21/29 PM0059 Flash memory interface 28 2.8.2 Flash key register (FLASH_KEYR) The Flash key register is used to allow access to the Flash control register and so, to allow program and erase operations. Address offset: 0x04 Reset value: 0x0000 0000 Access: no wait state, word access 2.8.3 Flash option key register (FLASH_OPTKEYR) The Flash option key register is used to allow program and erase operations in the user configuration sector. Address offset: 0x08 Reset value: 0x0000 0000 Access: no wait state, word access 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 KEY[31:16] wwww ww w w w w w w w w w w 15 14 13 12 11 10 9 8 76 5432 1 0 KEY[15:0] wwww ww w w w w w w w w w w Bits 31:0 FKEYR: FPEC key The following values must be programmed consecutively to unlock the FLASH_CR register and allow programming/erasing it: a) KEY1 = 0x45670123 b) KEY2 = 0xCDEF89AB 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 OPTKEYR[31:16 wwww ww w w w w w w w w w w 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 OPTKEYR[15:0] wwww ww w w w w w w w w w w Bits 31:0 OPTKEYR: Option byte key The following values must be programmed consecutively to unlock the FLASH_OPTCR register and allow programming it: a) OPTKEY1 = 0x08192A3B b) OPTKEY2 = 0x4C5D6E7F |