Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0056 Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 120Page - STMicroelectronics PM0056 Datasheet HTML 121Page - STMicroelectronics PM0056 Datasheet HTML 122Page - STMicroelectronics PM0056 Datasheet HTML 123Page - STMicroelectronics PM0056 Datasheet HTML 124Page - STMicroelectronics PM0056 Datasheet HTML 125Page - STMicroelectronics PM0056 Datasheet HTML 126Page - STMicroelectronics PM0056 Datasheet HTML 127Page - STMicroelectronics PM0056 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 156 page
background image
Core peripherals
PM0056
124/156
DocID15491 Rev 5
4.3.6
Interrupt active bit registers (NVIC_IABRx)
Address offset: 0x00- 0x0B
Reset value: 0x0000 0000
Required privilege: Privileged
The IABR0-IABR2 registers indicate which interrupts are active.
The bit assignments are:
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
ACTIVE[31:16]
r
rrrr
r
r
r
r
r
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
ACTIVE[15:0]
r
rrrr
r
r
r
r
r
rrrr
r
r
Bits 31:0
ACTIVE[31:0]: Interrupt active flags
0: Interrupt not active
1: Interrupt active
See Table 41: Mapping of interrupts to the interrupt variables on page 119 for the
correspondence of interrupts to each register bit.
A bit reads as 1 if the status of the corresponding interrupt is active or active and pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More