Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0056 Fiches technique(PDF) 121 Page - STMicroelectronics

No de pièce PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Fiches technique(HTML) 121 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics PM0056 Datasheet HTML 119Page - STMicroelectronics PM0056 Datasheet HTML 120Page - STMicroelectronics PM0056 Datasheet HTML 121Page - STMicroelectronics PM0056 Datasheet HTML 122Page - STMicroelectronics PM0056 Datasheet HTML 123Page - STMicroelectronics PM0056 Datasheet HTML 124Page - STMicroelectronics PM0056 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 156 page
background image
DocID15491 Rev 5
121/156
PM0056
Core peripherals
4.3.3
Interrupt clear-enable registers (NVIC_ICERx)
Address offset: 0x00 - 0x0B
Reset value: 0x0000 0000
Required privilege: Privileged
The ICER0-ICER2 registers disable interrupts, and show which interrupts are enabled.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRENA[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
76
54
3
21
0
CLRENA[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
Bits 31:0
CLRENA[31:0]: Interrupt clear-enable bits.
Write:
0: No effect
1: Disable interrupt
Read:
0: Interrupt disabled
1: Interrupt enabled.
See Table 41: Mapping of interrupts to the interrupt variables on page 119 for the
correspondence of interrupts to each register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More