Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0051 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 7Page - STMicroelectronics PM0051 Datasheet HTML 8Page - STMicroelectronics PM0051 Datasheet HTML 9Page - STMicroelectronics PM0051 Datasheet HTML 10Page - STMicroelectronics PM0051 Datasheet HTML 11Page - STMicroelectronics PM0051 Datasheet HTML 12Page - STMicroelectronics PM0051 Datasheet HTML 13Page - STMicroelectronics PM0051 Datasheet HTML 14Page - STMicroelectronics PM0051 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PM0051
Memory organization
Doc ID 14614 Rev 3
11/27
Table 4.
Medium density STM8A memory partition(1)
Area
Page number (1 page=4 blocks)
Block number (1 block=128 bytes)
Address
Data EEPROM
0
0
0x00 4000-
0x00 407F
1
0x00 4080-
0x00 40FF
2
0x00 4100-
0x00 417F
3
0x00 4180-
0x00 41FF
14-7
0x00 4200-
0x00 43FF
Option bytes
-
0 (one block only)
0x00 4800-
0x00 487F
Flash program
memory
0
0
0x00 8000-
0x00 807F
1
0x00 8080-
0x00 80FF
2
0x00 8100-
0x00 817F
3
0x00 8180-
0x00 81FF
14-7
0x00 8200-
0x00 83FF
...
...
...
63
252
0x00 FE00-
0x00 FE7F
253
0x00 FE80-
0x00 FEFF
254
0x00 FF00-
0x00 FF7F
255
0x00 FF80-
0x00 FFFF
1.
The memory mapping is given for the devices featuring 32 Kbytes of Flash program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27