| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3972 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3972 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() AN3972 Hardware kit Doc ID 022161 Rev 1 5/21 2 Hardware kit This section describes the hardware components necessary to set up the home web console demo kit: ● One STM3210C-EVAL board ● One SPZB260-PRO module adapter board for the STM3210C-EVAL ● Several ZigBee smartplug boards (STEVAL-IHP001V3). 2.1 STM3210C-EVAL demonstration board The STM3210C-EVAL is a standard evaluation tool for the STM32F107xx microcontroller which includes an embedded Ethernet controller; this is the main feature necessary for the home web console. For further details about this board please refer to the UM0600 user manual. Figure 1. STM3210C-EVAL demonstration board The connectors CN8 and CN9, which include all the MCU pinouts, are used to connect the SPZB260-PRO adapter, so a specific configuration of the board is necessary to free some MCU I/O resources. The following is the board setup: ● To close jumper JP19 ● To open jumper JP15 ● To remove R79, R84 and R169. Table 2 shows the pinout mapping of the connectors over the adapter. |