Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3404 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 5Page - STMicroelectronics AN3404 Datasheet HTML 6Page - STMicroelectronics AN3404 Datasheet HTML 7Page - STMicroelectronics AN3404 Datasheet HTML 8Page - STMicroelectronics AN3404 Datasheet HTML 9Page - STMicroelectronics AN3404 Datasheet HTML 10Page - STMicroelectronics AN3404 Datasheet HTML 11Page - STMicroelectronics AN3404 Datasheet HTML 12Page - STMicroelectronics AN3404 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AN3404
Clock management
Doc ID 018847 Rev 3
9/30
Slowing down the clock decreases the immediate consumption but, often this is not the ideal
solution. By slowing down the clock, the CPU performance is also reduced and a longer
time is required to perform an action or computation. If we consider the average
consumption, it might be better to use the highest available clock speed to perform the
required operation, and then force the MCU into one of the low power modes (like Active-
halt mode) for the remaining time frame. This should be taken into account during the
design of application flowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30