| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3394 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3394 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() AN3394 Main criteria for key antenna design Doc ID 018754 Rev 5 21/29 Figure 20. Rectangular planar antennas Once the antenna coil inductance has been calculated, a prototype coil is realized. The value of the so-obtained prototype must then be validated by measurement. This can be done using either a contactless or a non-contactless method. Width Length s w 1 1 8 10 3 turns, 10 segments 2 turns, 8 segments ai15815 thickness (cross-section) |