Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3359 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3359
Description  This application note is dedicated
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3359 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3359 Datasheet HTML 18Page - STMicroelectronics AN3359 Datasheet HTML 19Page - STMicroelectronics AN3359 Datasheet HTML 20Page - STMicroelectronics AN3359 Datasheet HTML 21Page - STMicroelectronics AN3359 Datasheet HTML 22Page - STMicroelectronics AN3359 Datasheet HTML 23Page - STMicroelectronics AN3359 Datasheet HTML 24Page - STMicroelectronics AN3359 Datasheet HTML 25Page - STMicroelectronics AN3359 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Radiation pattern, 2-D visualization
AN3359
22/28
Doc ID 018585 Rev 1
Figure 19.
Far field radiation pattern plotted on X-Z plane
For a horizontally orientated dipole, this pattern is equivalent to the vertical radiation. Note
that the "dip" (about -18 dB in worse case) is not as deep, in comparison to the dipole
radiation pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28