Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3321 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN3321
Description  How to enable remote reset from JTAG on
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3321 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN3321 Datasheet HTML 1Page - STMicroelectronics AN3321 Datasheet HTML 2Page - STMicroelectronics AN3321 Datasheet HTML 3Page - STMicroelectronics AN3321 Datasheet HTML 4Page - STMicroelectronics AN3321 Datasheet HTML 5Page - STMicroelectronics AN3321 Datasheet HTML 6Page - STMicroelectronics AN3321 Datasheet HTML 7Page - STMicroelectronics AN3321 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN3321
How to enable the remote system reset from JTAG
Doc ID 18275 Rev 1
3/8
Creating a "wired AND" reset
To comply with JTAG specifications, the reset wire has to be a "wired AND" of "open drain"
devices with a common pull-up resistor. The actual reset chip U11 does not have any "open
drain" output. To make this feature available:
Replace the reset chip U11 with a STM6315SDW13F.
U11 is located close to JTAG connector on the bottom layer (see Figure 2: EVB bottom
layer). Passive pull-up is already available (R242).
Cleaning-up reset wire
On the actual revision of the board, some optional delay circuits are installed adding high
load to reset wire. This is not compliant with JTAG specifications. To solve this issue modify
the top layer of the board as follows (see Figure 1: EVB top layer):
1.
Remove R137 and C57, located near the SMII PHY U18
2.
Remove R172 and C75, located near the SMII PHY U19
3.
Remove R207 and C90, located near the SMII PHY U20
4.
Remove C236, located near the SMII PHY U21. Be careful NOT to remove R242



Html Pages

1 2 3 4 5 6 7 8