| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3298 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3298 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() AN3298 Function description Doc ID 18098 Rev 1 23/27 #define OUT_DALI_PORT, #define OUT_DALI_PIN, #define INVERT_OUT_DALI, #define IN_DALI_PORT, #define IN_DALI_PIN, #define INVERT_IN_DALI This set of definitions: ● Contains DALI Rx and DALI Tx signal assignments to given pins according to user requirements. The Rx pin must have interrupt capability. ● Define if a pin is inverted or not on the user hardware DALI transceiver board #define DEVICE_TYPE This definition: ● Defines the ballast type according to the DALI specification (see DALI specification for valid ballast type numbers). #define DALI_VERSION_NUMBER_ROM This definition: ● Defines the DALI version #define PHYSICAL_MIN_LEVEL_ROM This definition: ● Defines the minimum light level which is limited by the ballast hardware capability (according to the DALI specification). |