| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3260 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3260 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 24 page ![]() Configuring your terminal window AN3260 22/24 Doc ID 17836 Rev 1 c) Finally, click ASCII Setup in MyConnection properties menu, check that the ASCII parameters match those shown in Figure 12, and modify them if needed. Figure 12. ASCII Setup parameters d) Close MyConnection Properties menu, and restart communications by choosing Call > Call from the HyperTerminal main menu. Your STM8S-DISCOVERY application is now ready to start. |