| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3248 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3248 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 17 page ![]() AN3248 Capacitance measurement Doc ID 17758 Rev 3 13/17 Figure 11. Capacitance measurement using COMP2 At the moment where the input voltage crosses the threshold and the COMP2 output switches to high level, the charge function is given by Equation 1. Equation 1 where “tc” is the time when the input voltage crosses the threshold Using Equation 1 the capacitance value can be computed by Equation 2. Equation 2 Usually R, the threshold, and VDD are constant, so, measuring the capacitance is reduced to solving for Equation 3. Equation 3 where K is solved using Equation 4 Equation 4 Threshold TIMx OCy Time Input voltage Time Time Capture event 0 Time COMP2 output 65535 Timer counter Capture event Capture event ai18710 Threshold VDD 1 -tc T ⁄ () exp – () = C t R 1-threshold V DD () ⁄ () ln × () ⁄ – = Ct K ⁄ – = KR 1-threshold VDD () ⁄ () ln × = |