Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3232 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN3232
Description  Mounting recommendations
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3232 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN3232 Datasheet HTML 18Page - STMicroelectronics AN3232 Datasheet HTML 19Page - STMicroelectronics AN3232 Datasheet HTML 20Page - STMicroelectronics AN3232 Datasheet HTML 21Page - STMicroelectronics AN3232 Datasheet HTML 22Page - STMicroelectronics AN3232 Datasheet HTML 23Page - STMicroelectronics AN3232 Datasheet HTML 24Page - STMicroelectronics AN3232 Datasheet HTML 25Page - STMicroelectronics AN3232 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package attachment to thermal base by means of soldering
AN3232
22/26
Doc ID 17594 Rev 3
Note:
The profiling tolerance is + 0 °C, -X °C (based on the machine variation capability)
regardless of what is required to control the profile process, but at no time does it exceed -5
°C. The producer assures process compatibility at the peak reflow temperatures.
Package volume excludes external terminals (balls, bumps, lands, leads) and/or non-
integral heatsinks.
The maximum component temperature reached during reflow depends on package
thickness and volume. The use of convection reflow processes reduces the thermal
gradients between packages. However, thermal gradients due to differences on thermal
mass of SMD packages may still exist.
Ultimately, the most stressful aspect of soldering for packaging consisting of plastic or epoxy
layers is related to rapid transition between process steps. For this reason, it is
recommended to never exceed the ramping rates recommended in J-STD-020D at the
package level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26