Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3216 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics AN3216 Datasheet HTML 29Page - STMicroelectronics AN3216 Datasheet HTML 30Page - STMicroelectronics AN3216 Datasheet HTML 31Page - STMicroelectronics AN3216 Datasheet HTML 32Page - STMicroelectronics AN3216 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
AN3216
32/33
DocID17496 Rev 7
8
Revision history
Table 8. Document revision history
Date
Revision
Changes
28-Jun-2010
1
Initial release
29-Jul-2010
2
Updated the following sections: Section 2.1: Introduction,
Section 2.1.1: Independent A/D converter supply and reference
voltage, Section 2.1.2: Independent LCD supply, Section 2.3.1:
Power-on reset (POR)/power-down reset (PDR), brownout reset
(BOR), and Section 2.3.4: System reset.
Added Section 2.3.3: Brownout reset (BOR).
Replaced Figure 4, Figure 5, Figure 6, and Figure 7.
In Section 3.3.2, replaced RCC_ICR register by RCC_CIR register.
Replaced PF0_OSC_IN and PF1_OSC_OUT by PH0_OSC_IN and
PH1_OSC_OUT in Figure 16 and Table 7.
Updated value of C4 and C9 decoupling capacitors in Figure 16.
01-Oct-2010
3
Modified Section 2.3.4: System reset on page 15
Updated capacitors in Table 5 and Table 5
07-Apr-2011
4
Changed title of document from “STM32L1xxx hardware
development: getting started” to “Getting started with STM32L1xxx
hardware development”.
Modified Section 3.1: MSI clock, Section 2.2: Power supply
schemes, and Figure 2.
29-Jun-2011
5
Updated Section 2.1.1: Independent A/D converter supply and
reference voltage and Section 2.2: Power supply schemes.
30-May-2012
6
Updated to adapt to STM32L1xxx High density devices
20-Jun-2013
7
Document reformatted.
Replaced “STM32L15xxx” by “STM32L1xxx” in the entire document.
Updated:
– Section 2.1: Introduction, Section 2.1.2: Independent LCD supply,
Section 6.2: Component position, Section 6.3: Ground and power
supply (VSS, VDD, VSSA, VDDA), Section 6.4: Decoupling and
Section 7.1.3: Boot mode
– Figure 1: Power supply overview, Figure 2: Power supply scheme,
Figure 7: Reset circuit and Figure 16: STM32L152VB(T6)
microcontroller reference schematic
– Table 5: Mandatory components and Table 6: Optional
components
Added:
– Table 1: Applicable products
– Section 1: Glossary
– Figure 3: Optional LCD power supply scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33