Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3209 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 27Page - STMicroelectronics AN3209 Datasheet HTML 28Page - STMicroelectronics AN3209 Datasheet HTML 29Page - STMicroelectronics AN3209 Datasheet HTML 30Page - STMicroelectronics AN3209 Datasheet HTML 31Page - STMicroelectronics AN3209 Datasheet HTML 32Page - STMicroelectronics AN3209 Datasheet HTML 33Page - STMicroelectronics AN3209 Datasheet HTML 34Page - STMicroelectronics AN3209 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN3209
PC software
Doc ID 17419 Rev 2
31/42
Figure 25.
TRACE GRAPH algorithm
5.1.4
Timer management
When the timer function is enabled, it is executed once per second. This function is used for
graphic animations such as dynamic view, periodic thermometer refresh, display of the
number of acquisition values, and meteorological pictogram.
As an example, when the Dynamic view option box is checked and as long as the
datalogger stays in the reader field, the acquired temperature values are automatically
added to the graph each second (see Figure 26 for a description of the Timer function used
in conjunction with the Dynamic view).
Refer to UM0925 for a description of the other animations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42