Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3208 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3208
Description  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3208 Datasheet HTML 10Page - STMicroelectronics AN3208 Datasheet HTML 11Page - STMicroelectronics AN3208 Datasheet HTML 12Page - STMicroelectronics AN3208 Datasheet HTML 13Page - STMicroelectronics AN3208 Datasheet HTML 14Page - STMicroelectronics AN3208 Datasheet HTML 15Page - STMicroelectronics AN3208 Datasheet HTML 16Page - STMicroelectronics AN3208 Datasheet HTML 17Page - STMicroelectronics AN3208 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Software
AN3208
14/19
Doc ID 17411 Rev 1
Figure 12.
Main program flow
CLK_Init(): Is the clock initialization routine. For this application solution, an HSI clock has
been used. The CPU frequency is 16 Mhz.
I/O Init(): Is the GPIO initialization routine. I/O pins dedicated for stepper motor driving are
configured in output push-pull mode.
TIM1_Init(): Is the initialization routine of TIM1. TIM1 is configured in “PWM edge alignment
mode” providing four PWM signals at 60 Khz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19