Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT3014 Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Fiches technique(HTML) 5 Page - Linear Technology

  LT3014_15 Datasheet HTML 1Page - Linear Technology LT3014_15 Datasheet HTML 2Page - Linear Technology LT3014_15 Datasheet HTML 3Page - Linear Technology LT3014_15 Datasheet HTML 4Page - Linear Technology LT3014_15 Datasheet HTML 5Page - Linear Technology LT3014_15 Datasheet HTML 6Page - Linear Technology LT3014_15 Datasheet HTML 7Page - Linear Technology LT3014_15 Datasheet HTML 8Page - Linear Technology LT3014_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3014
5
3014fd
INPUT VOLTAGE (V)
0
600
800
1000
8
3014 G07
400
200
500
700
900
300
100
0
2
14
36
7
9
510
TJ = 25 C
*FOR VOUT = 1.22V
RL = 61
IL = 20mA*
RL = 122
IL = 10mA*
RL = 1.22k
IL = 1mA*
OUTPUT CURRENT (mA)
0
600
800
1000
16
3014 G08
400
200
500
700
900
300
100
0
4
2
8
6
12 14
18
10
20
VIN = 3.3V
TJ = 25 C
VOUT = 1.22V
TEMPERATURE ( C)
–50
2.0
1.8
1.6
1.2
1.4
1.0
0.8
0.6
0.4
0.2
0
3014 G09
25
0
–25
50
75
125
100
TYPICAL PERFORMANCE CHARACTERISTICS
GND Pin Current
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN PIN VOLTAGE (V)
0
0.4
0.8
1.2
0.2
0.6
1.0
3014 G10
01
2
3
4
0.5
1.5
2.5
3.5
TJ = 25 C
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE ( C)
–50
1.4
25
3014 G11
0.8
0.4
–25
0
50
0.2
0
1.6
1.2
1.0
0.6
75
100
125
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE ( C)
25
3014 G12
–25
0
50
–50
75
100
125
14
12
10
8
6
4
2
0
INPUT VOLTAGE (V)
0
16
3014 G13
4
28
612 14
18
10
20
70
40
20
10
0
80
60
50
30
VOUT = 0V
TJ = 25 C
TEMPERATURE ( C)
–50
0
10
30
40
50
100
70
0
50
75
3014 G14
20
80
90
60
–25
25
100
125
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
30
40
50
8
3014 G15
20
10
25
35
45
15
5
0
2
1
4
3
67
9
5
10
TJ = 25 C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ PIN
ESD CLAMP
SHDN Pin Current
SHDN Pin Current
ADJ Pin Bias Current
Current Limit
Current Limit
Reverse Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com